|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
May 1, 2007 DR371-1 Series Radial Leaded Inductors Features High Current Rating Height: 10.5mm Max Inductance Range: 0.22H - 4.7H Operating Temperature -55C to +125C Non-RoHS Versions are Available (Note 5) ELECTRICAL SPECIFICATIONS AT 25C Inductance (H) 1V @ 100kHz, 0Adc 0.22 0.33 0.36 0.39 0.47 0.56 0.68 0.8 1.0 1.2 1.5 2.2 2.8 3.3 4.7 Part Number DR371-1-221 DR371-1-331 DR371-1-361 DR371-1-391 DR371-1-471 DR371-1-561 DR371-1-681 DR371-1-801 DR371-1-102 DR371-1-122 DR371-1-152 DR371-1-222 DR371-1-282 DR371-1-332 DR371-1-472 DCR (m) Max. 0.59 0.82 0.82 0.82 1.00 1.00 1.00 1.29 2.06 2.06 3.53 5.06 6.59 8.00 10.35 Heating Current Idc (Note 3) 38 33 33 33 30 30 30 26 21 21 16 13.6 12.3 11.2 10 Saturating Current Idc (Note 4) 56 48 46 45 40 40 40 36 32 32 30 24 20 16 15 MECHANICAL SPECIFICATIONS Part Number DR371-1-221 DR371-1-331 DR371-1-361 DR371-1-391 DR371-1-471 DR371-1-561 DR371-1-681 DR371-1-801 DR371-1-102 DR371-1-122 DR371-1-152 DR371-1-222 DR371-1-282 DR371-1-332 DR371-1-472 A 9.5 MAX 9.5 MAX 9.5 MAX 9.5 MAX 10.0 MAX 10.0 MAX 10.0 MAX 10.5 MAX 10.5 MAX 10.5 MAX 10.5 MAX 10.5 MAX 10.5 MAX 10.5 MAX 10.5 MAX B 1.50.2 1.50.2 1.50.2 1.50.2 1.50.2 1.50.2 1.50.2 1.50.2 1.30.2 1.30.2 1.30.2 1.10.2 1.00.2 1.00.2 1.00.2 XXX NOTES: 1. 2. 3. 4. 5. 6. Dimensions are shown in inches/millimeters Inductance tolerance: 20% DC current that will cause a rise of 40C from ambient DC current causing a 30% drop in inductance For non-RoHS parts replace DR prefix with 42- (e.g. DR371-1 becomes 42-371-1) Terminal finish is compliant to RoHS requirements DATATRONIC: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701 Email: ddisales@datatronics.com 499 King's Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290 All specifications are subject to change without notice. |
Price & Availability of DR371-1-102 |